Part Number Hot Search : 
4AC13 1N4760A EL2171CS C1608 AAT3111 APT1003 2SA1783T GPC200F
Product Description
Full Text Search
 

To Download MBRP30045CTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2015 january, 2015 ? rev. 7 1 publication order number: mbrp30045ct/d mbrp30045ct powertap ii switch-mode power rectifier these state ? of ? the ? art devices use the schottky barrier principle with a platinum barrier metal. features ? dual diode construction ? may be paralleled for higher current output ? guardring for stress protection ? low forward voltage ? 150 c operating junction temperature ? guaranteed reverse avalanche ? pb ? free package is available* mechanical characteristics: ? case: epoxy, molded with metal heatsink base ? weight: 80 grams (approximately) ? finish: all external surfaces corrosion resistant ? top terminal torque: 25 ? 40 lb ? in max ? base plate torques: see procedure given in the package outline section maximum ratings rating symbol max unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 45 v average rectified forward current (rated v r , t c = 140 c) per leg per device i f(av) 150 300 a peak repetitive forward current, (rated v r , square wave, 20 khz, t c = 140 c) per leg i frm 300 a non ? repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) per leg i fsm 2500 a peak repetitive reverse current (2.0  s, 1.0 khz) per leg i rrm 2.0 a storage temperature range t stg ? 55 to +150 c operating junction temperature t j ? 55 to +150 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. schottky barrier rectifier 300 amperes, 45 volts 1 2 3 www. onsemi.com device package shipping ordering information mbrp30045ct powertap ii 25 units/tray powertap ii case 357c plastic 1 2 3 marking diagram b30045t b30045t = specific device code mcc = mold compound code a = assembly location yy = year ww = work week g = pb ? free package mcc ayywwg MBRP30045CTG powertap ii (pb ? free) 25 units/tray
mbrp30045ct www. onsemi.com 2 thermal characteristics (per leg) rating symbol value unit thermal resistance, junction ? to ? case r  jc 0.45 c/w electrical characteristics (per leg) instantaneous forward voltage (note 1) (i f = 150 amps, t j = 25 c) (i f = 300 amps, t j = 25 c) v f 0.70 0.82 v instantaneous reverse current (note 1) (rated dc voltage, t j = 125 c) (rated dc voltage, t j = 25 c) i r 75 0.8 ma product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. 1. pulse test: pulse width = 300  s, duty cycle  2.0%. maximum mechanical ratings terminal penetration: 0.235 max terminal torque: 25 ? 40 in-lb max mounting torque ? outside holes: 30 ? 40 in-lb max mounting torque ? center hole: 8 ? 10 in-lb max seating plane 1 mil per in. flatness (between mounting holes) powertap mechanical data applies over operating temperature vertical pull 250 lbs. max 2 in. lever pull 50 lbs. max note: while the powertap is capable of sustaining these vertical and levered tensions, the intimate contact note: between powertap and heat sink may be lost. this could lead to thermal runaway. the use of very note: flexible leads is recommended for the anode connections. use of thermal grease is highly recommended. 2
mbrp30045ct www. onsemi.com 3 mounting procedure the powertap package requires special mounting considerations because of the long longitudinal axis of the copper heat sink. it is important to follow the proper tightening sequence to avoid warping the heat sink, which can reduce thermal contact between the powertap and heat sink. 2 ? 3 turns 2 ? 3 turns 2 ? 3 turns power tap heat sink step 2: finger tighten the center bolt. the bolt may catch on the threads of the heat sink so it is important to make sure the face of the bolt or washer is in contact with the surface of the powertap. 2 ? 3 turns finger-tight 2 ? 3 turns power tap heat sink step 3: tighten each of the end bolts between 5 to 10 in-lb. power tap heat sink 5 ? 10 in-lb finger-tight 5 ? 10 in-lb step 4: tighten the center bolt between 8 to 10 in-lb. 5 ? 10 in-lb 8 ? 10 in-lb 5 ? 10 in-lb power tap heat sink step 5: finally, tighten the end bolts between 30 to 40 in-lb. 30 ? 40 in-lb 8 ? 10 in-lb 30 ? 40 in-lb power tap heat sink step 1: locate the powertap on the heat sink and start mounting bolts into the threads by hand (2 or 3 turns).
mbrp30045ct www. onsemi.com 4 package dimensions case 357c ? 03 powertap plastic package issue e b 0.25 (0.010) m ta mm dim a min max min max millimeters 3.450 3.635 87.63 92.33 inches b 0.700 0.810 17.78 20.57 c 0.615 0.640 15.63 16.26 e 0.120 0.130 3.05 3.30 f 0.435 0.445 11.05 11.30 g 1.370 1.380 34.80 35.05 h 0.007 0.030 0.18 0.76 n 1/4-20unc-2b 1/4-20unc-2b q 0.270 0.285 6.86 7.23 r 31.50 bsc 80.01 bsc u 0.600 0.630 15.24 16.00 v 0.330 0.375 8.39 9.52 w 0.170 0.190 4.32 4.82 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. terminal penetration: 5.97 (0.235) maximum. r g w n q b 0.25 (0.010) m ta mm 2 pl e seating plane f v u c h ? a ? ? b ? ? t ? on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warrant y, representation or guarantee regarding the suitability of it s products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer s hall indemnify and hold scillc and its officers , employees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mbrp30045ct/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MBRP30045CTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X